Part Number Hot Search : 
07104GOA M8836 AI9943 1035CT ATS02 BDV64 MAX863 1N5232
Product Description
Full Text Search
 

To Download 2SJ656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7684
2SJ656
P-Channl Silicon MOSFET
2SJ656
General-Purpose Switching Device
Features
* * * *
Package Dimensions
unit : mm 2063A
[2SJ656]
10.0 3.2
3.5 7.2
Low ON-resistance. Ultrahigh-speed switching. 4V drive. Motor drive, DC / DC converter.
4.5 2.8
18.1
16.0
5.6
14.0
1.6 1.2 0.75
2.4 0.7
2.55
123 2.55
2.4
1 : Gate 2 : Drain 3 : Source SANYO : TO-220ML
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Tc=25C Conditions
2.55
2.55
Ratings --100 20 --18 --72 2.0 30 150 --55 to +150
Unit V V A A W W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Symbol V(BR)DSS IDSS IGSS VGS(off) yfs Conditions ID=--1mA, VGS=0 VDS=-100V, VGS=0 VGS=16V, VDS=0 VDS=-10V, ID=--1mA VDS=-10V, ID=-9A Ratings min --100 --1 10 -1.2 14 20 --2.6 typ max Unit V A A V S
Marking : J656
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
41504QA TS IM TA-100801 No.7684-1/4
2SJ656
Continued from preceding page.
Parameter Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain"Miller"Charge Diode Forward Voltage Symbol RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions ID=--9A, VGS=--10V ID=--9A, VGS=--4V VDS=--20V, f=1MHz VDS=--20V, f=1MHz VDS=--20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=--50V, VGS=-10V, ID=--18A VDS=--50V, VGS=-10V, ID=--18A VDS=--50V, VGS=-10V, ID=--18A IS=--18A, VGS=0 Ratings min typ 58 74 4200 280 220 30 110 340 128 74 12.8 14.7 --0.93 --1.2 max 75.5 104 Unit m m pF pF pF ns ns ns ns nC nC nC V
Switching Time Test Circuit
VIN 0V --10V VIN ID= --9A RL=5.56 VDD= --50V
D
PW=10s D.C.1%
VOUT
G
2SJ656 P.G 50
S
--40
ID -- VDS
Tc=25C
0V --1
--6 V
--40
ID -- VGS
25 C
VDS= --10V
--4V
25C
2 75 C 5C
--0.5 --1.0 --1.5 --2.0 --2.5 --3.0
Drain Current, ID -- A
Drain Current, ID -- A
--30
--30
--20
--20
--10
0 0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
--5.0
0 0
Tc=
--25
C
--3.5 --4.0
VGS= --3V
--10
Tc= --
75C
--4.5
--5.0
Drain-to-Source Voltage, VDS -- V
IT06626
Gate-to-Source Voltage, VGS -- V
IT06627
No.7684-2/4
2SJ656
140
RDS(on) -- VGS
ID= --9A
140
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
120
Static Drain-to-Source On-State Resistance, RDS(on) -- m
120
100
100
80
Tc=75C
25C
80
60
60
4V = -V GS , 10V --9A = -I D= V GS , --9A I D=
--25C
40
40
20 0 0
20 0 --50
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
--25
0
25
50
75
100
125
150
Gate-to-Source Voltage, VGS -- V
100
yfs -- ID
IT06628 --100 7 5 3 2
Case Temperature, Tc -- C
IT06629
IF -- VSD
VGS=0
Forward Transfer Admittance, yfs -- S
7 5 3 2
VDS= --10V
Forward Drain Current, IF -- A
25
C
--10 7 5 3 2 --1.0 7 5 3 2 --0.1 7 5 3 2
10 7 5 3 2
75
C
1.0 --0.1
--0.01 7 5 3 2 --0.001 0 --0.3 --0.6 --0.9 --1.2 --1.5 IT06631
2
3
5
7 --1.0
2
3
5
7 --10
2
3
5
7
Drain Current, ID -- A
1000 7
IT06630 10000
SW Time -- ID
td(off)
Ciss, Coss, Crss -- VDS
f=1MHz
Diode Forward Voltage, VSD -- V
Switching Time, SW Time -- ns
5 3 2
VDD= --50V VGS= --10V
7 5
Tc=7 5
= Tc
C 25C
--2
--25C
C 5
Ciss
Ciss, Coss, Crss -- pF
3 2
tf
100 7 5 3 2 10 --0.1
1000 7 5 3 2 100
tr
td(on)
Coss
Crss
--5 --10 --15 --20 --25 --30 IT06633
2
3
5 7 --1.0
2
3
5 7 --10
2
3
5 7 --100 IT06632 2 --100 7 5
0
Drain Current, ID -- A
--10 --9
VGS -- Qg
Drain-to-Source Voltage, VDS -- V
ASO
Gate-to-Source Voltage, VGS -- V
VDS= --50V ID= --18A
IDP= --72A
--8 --7 --6 --5 --4 --3 --2 --1 0 0 10 20 30 40 50 60 70 80
Drain Current, ID -- A
3 2 --10 7 5 3 2 --1.0 7 5 3 2
ID= --18A
10
DC
Operation in this area is limited by RDS(on). Tc=25C Single pulse
2 3 5 7 --1.0 2 3
10 ms 0m s
<10s 10 s 10 0 s 1m s
op
era
tio
n
--0.1 --0.1
5 7 --10
2
3
Total Gate Charge, Qg -- nC
IT06634
Drain-to-Source Voltage, VDS -- V
5 7--100 2 IT06635
No.7684-3/4
2SJ656
2.5
PD -- Ta
Allowable Power Dissipation, PD -- W
40 35 30 25 20 15 10 5 0
PD -- Tc
Allowable Power Dissipation, PD -- W
2.0
1.5
1.0
0.5
0 0 20 40 60 80 100 120 140 160
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
IT06636
Case Temperature, Tc -- C
IT06637
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of April, 2004. Specifications and information herein are subject to change without notice.
PS No.7684-4/4


▲Up To Search▲   

 
Price & Availability of 2SJ656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X